PART |
Description |
Maker |
7XF-4 7XF-E 7XF-F |
HORIZON GUIDEDWAVERADAR
|
Magnetrol International, Inc.
|
M80-5T202M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 2 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
STX-3100-11N STX-3100-11C STX-3100-3CB STX-3100-3N |
AUDIO JACKS STX-3100 Series PCB Mount 3.5mm Audio Jack
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
GP1A73AJ000F |
Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
|
SHARP[Sharp Electrionic Components]
|
GP1A75EJ000F |
Gap : 5mm Slit : 0.5mm OPIC Output, Screw fi xing type Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
114BPC 113BPC 111 |
CONNECTOR,AUDIO,111 JACK,1/4" PHONE,2C,BLACK GENERAL PURPOSE AUDIO CONNECTOR, JACK
|
Switchcraft, Inc.
|
A5M AA6F |
XLR Style Audio Connector; Number of Contacts:5; Mounting Type:Cable; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes GENERAL PURPOSE AUDIO CONNECTOR, PLUG
|
Switchcraft, Inc. SWITCHCRAFT INC
|
87437-1273 87437-0243 87437-0873 87437-0743 87437- |
1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG connector 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG CONN HEADER 7POS 1.5MM VERT SMD 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT TR/Cap 2.54SnLF 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB VHdr SMT T&R/Cap 2.54SnLF12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Blk /Cap T&R 2.56SnLF 7Ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 1.5mm WtB Hdr Vert SMT 2.54SnLF 14Ckt 1.50MM PITCH, W-T-B HEADER, VERTICAL, SMT
|
Molex, Inc. MOLEX INC Molex Electronics Ltd.
|
DBCEJ0365A-5 |
AUDIO PCB 3.5mm EARPHONE JACK
|
Dubilier
|
|